PART |
Description |
Maker |
RT9261 |
Minimal Number of External Components ( Only an inductor, a diode, and a capacitor)
|
TY Semiconductor Co., Ltd
|
SPGN0365A SPGP0365A |
The SemiHow Power Switch product family is specially designed for an off-line SMPS with minimal external components.
|
SemiHow Co.,Ltd.
|
1032E-70LJ 1032E-70LJI 1032E-70LT 1032E-70LTI PLSI |
High-Density Programmable Logic 高密度可编程逻辑 CABLE, 8163, 3PAIR, PER M; Cores, No. of:6; Conductor make-up:7/32AWG; Area, conductor CSA:0.2mm2; Diameter, External:9.12mm; Material, secondary insulation:PVC; Colour, secondary insulation:Chrome; Alpha type number:6317 RoHS Compliant: Yes 高密度可编程逻辑 Shielded Paired Cable; Number of Conductors:4; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyethylene; Number of Pairs:2; Leaded Process Compatible:Yes; Conductor Material:Copper RoHS Compliant: Yes 高密度可编程逻辑 2#24 TFE BRD PFA RoHS Compliant: No CABLE, 8163, 3PAIR, PER M; Cores, No. of:6; Conductor make-up:7/32AWG; Area, conductor CSA:0.2mm2; Diameter, External:9.12mm; Material, secondary insulation:PVC; Colour, secondary insulation:Chrome; Alpha type number:6317 RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:6; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyethylene; Number of Pairs:3; Features:Alumunium Foil Polyester/Tinned Copper Braid; Impedance:100ohm RoHS Compliant: Yes COUPLING Shielded Paired Cable; Number of Conductors:6; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyethylene; Number of Pairs:3; Leaded Process Compatible:Yes; Conductor Material:Copper RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:50; Conductor Size AWG:28; No. Strands x Strand Size:7 x 36; Jacket Material:Polyethylene; Number of Pairs:25; Features:Alumunium Foil Polyester/Tinned Copper Braid; Impedance:120ohm RoHS Compliant: Yes CABLE, 8162, 2PAIR, PER M; Cores, No. of:4; Conductor make-up:7/32AWG; Area, conductor CSA:0.2mm2; Diameter, External:8.71mm; Material, secondary insulation:PVC; Colour, secondary insulation:Chrome; Alpha type number:6316 RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:4; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyethylene; Number of Pairs:2; Features:Alumunium Foil Polyester/Tinned Copper Braid; Impedance:100ohm RoHS Compliant: Yes
|
Lattice Semiconductor, Corp. Lattice Semiconductor Corporation LATTICE[Lattice Semiconductor]
|
AOK30B135W1 |
Minimal gate spike due to high input capacitance
|
Alpha & Omega Semicondu...
|
IR900 |
Reflects near IR heat with minimal reduction of visible light transmission
|
3M Electronics
|
1SV225 |
FILTER, INLET, IEC, 6A, SPST; Voltage rating, AC:250V; Current rating:6A; Phases, No. of:1; Length / Height, external:24mm; Width, external:48.5mm; Depth, external:65.7mm; Approval Bodies:VDE, CSA, UL; Capacitance, X type RoHS Compliant: Yes VARIABLE CAPACITANCE DIODE (ELECTRONIC TUNING APPLICATIONS OF FM RECEIVERS)
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
MB3828PFV-G-BND |
BOX, POLYCARBONATE IP67 CLEAR LIDBOX, POLYCARBONATE IP67 CLEAR LID; Length / Height, external:65mm; Width, external:230mm; Depth, external:80mm; Material:Polycarbonate; Colour:Grey; Approval Bodies:GL, CSA, Fimko, Gost R, EN 50298 Pentium DC/DC Converter IC
|
Fujitsu Limited Fujitsu Component Limited.
|
ICS9112M-44 ICS9112M-43 ICS9112-43 |
Frequency Generator for Gigabit Ethernet Systems 频率发生器千兆以太网系统 CABLE, 9272, TWINAX, PER M; Cores, No. of:2; Conductor make-up:7/28AWG; Area, conductor CSA:0.51mm2; Diameter, External:6.2mm; Material, secondary insulation:PVC; Colour, secondary insulation:Blue; Alpha type number:9815C RoHS Compliant: Yes Twinaxial Cable; Impedance:78ohm; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Material:Polyvinylchloride (PVC); Conductor Material:Copper; Jacket Color:Blue; Leaded Process Compatible:No; Number of Conductors:2 RoHS Compliant: Yes
|
Integrated Circuit Syst... TE Connectivity, Ltd. Integrated Circuit Systems
|
X24026Y-2.7 X24026Y X24026X X24026X-2.7 X24026 X24 |
PSU, DIN RAIL, 12V, 200MA; Power rating:2.4W; Current, output:200mA; Length / Height, external:73.2mm; Width, external:45mm; Depth, external:119.2mm; Frequency, supply max:63Hz; Frequency, supply min:47Hz; Regulation, line:0.05%; Serial E2PROM
|
XICOR[Xicor Inc.] http://
|
CLE436W |
High Power Red LED - Minimal Infrared Content Flat Window Can, Hermetically Sealed
|
List of Unclassifed Manufacturers ETC Clairex Technologies, Inc
|
1728000000 |
Terminal Block; Number of Positions:8; Pitch Spacing:0.13"; Wire Size (AWG):24-12; Mounting Type:PC Board; Gender:Male; Leaded Process Compatible:Yes; Number of Contacts:8; Number of Rows:2; Terminal Block Clamp Type:Screw Clamp
|
WEIDMULLER
|
|